Part Number Hot Search : 
M1500 22SSWCBE SP3493CN 25JE7TS 1212S AD9300KP 1402E 00190
Product Description
Full Text Search
 

To Download 2036-47-SM-RP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features n balanced mini-trigard? series (5 mm diameter, 7.3 mm length) n ideal for board level protection of broadband circuits n leadless, surface mount for economical assembly n stable breakdown throughout life n high surge current rating, low insertion loss n ul recognized n rohs compliant* version available characteristics 2036-xx-sm precision gas discharge tube surge protector *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. test methods per itu-t k.12, ieee c62.31 and iec 61643-311 gdt standards. impulse transverse delay ............................... 1000 v/s .......................................................... < 75 ns insulation resistance (ir) ............................... 100 v (50 v for model 2036-07 & 2036-09) ...... > 10 10 glow voltage ................................................... 10 ma ................................................................ ~ 70 v arc voltage ...................................................... 1 a ..................................................................... ~ 10 v glow-arc transition current ....................................................................................................... < 0.5 a capacitance ..................................................... 1 mhz ............................................................... < 2 pf dc holdover voltage (2) ................................... >135 v, (52 v for model 2036-07, & -09, .......... < 150 ms 80 v for model 2036-15) impulse discharge current .............................. 20000 a, 8/20 s (3) ........................................... 1 operation minimum 10000 a, 8/20 s ............................................... > 10 operations 200 a, 10/1000 s ............................................ > 300 operations 2000 a, 10/350 s ............................................. 1 operation 200 a, 10/700 s .............................................. > 500 operations alternating discharge current ......................... 20 arms, 1 s 2 .................................................... 1 operation minimum 10 arms, 1 s ...................................................... > 10 operations storage temperature .................................................................................................................. -55 to +105 c operating temperature ............................................................................................................... -55 to +105 c climatic category (iec 60068-1) ................................................................................................ 55/105/21 notes: ? ul recognized component, ul file e153537. ? no model number marking on tube; date code and voltage only: month year digits, xxxv (e.g. 0209 400v). ? the rated discharge current for mini-trigard? gdts is the total current equally divided between each line to ground. ? surface mount (sm) parts may show a temporary increase in dcbd after the solder refow process. most devices will recover within 24 hours time. it should be noted that there is no quality defect nor change in protection levels during the temporary change in dcbd. ? sparkover limits after life 25 % (-25 %,+30 % for model 2036-07, 2036-09 and 2036-60), ir >10 8 . ? operating characteristics per rus pe-80 and telcordia gr 1361 available on request. ? line to line voltage is approximately 1.8 to 2 times the stated line to ground breakdown voltage. ? at delivery aql 0.65 level ii, din iso 2859. ? bourns recommends refowing surface mount devices per ipc/jedec j-std-020 rev d. (2) network applied. (3) dc sparkover may exceed 25 % but will continue to protect without venting. bourns now offers a surface mount (sm) 3-electrode gas discharge tube (gdt) surge protection device. the industry-leading quality and features of the bourns ? miniature 2036 trigard? series gdt continues in this new sm version for pick and place manufacturing techniques. the 2036 sm device is ideal for board level protection of high bandwidth applications such as xdsl, cable broadband and high speed ethernet, due to its high energy handling capability , long and stable life performance and low capacitance of less than 2 pf. bourns subminiature family of gdts measure only 5 mm in diameter and are the smallest high performance gdts in the telecom industry. bourns ? gdts are designed to prevent damage from transient disturbances by acting as a crowbar in creating a short-to-ground circuit during conduction. when a voltage transient surge exceeds the defned breakdown voltage level of the gdt, the device becomes ionized and conduction takes place within a fraction of a microsecond. when the surge passes and system voltage returns to normal levels, the gdt returns to its high-impedance (off) state. characteristic model no. 2036-07 2036-09 2036-15 2036-20 2036-23 2036-25 dc sparkover 20 % @ 100 v/s 75 v 90 v 150 v 200 v 230 v 250 v impulse sparkover (1) 100 v/s 1000 v/s 250 v 525 v 250 v 550 v 350 v 500 v 425 v 575 v 450 v 600 v 475 v 625 v characteristic model no. 2036-30 2036-35 2036-40 2036-42 2036-47 2036-60 dc sparkover 20 % @ 100 v/s 300 v 350 v 400 v 420 v 470 v 600 v impulse sparkover (1) 100 v/s 1000 v/s 500 v 650 v 600 v 750 v 650 v 825 v 675 v 850 v 750 v 950 v 850 v 1100 v *rohs compliant lead free *rohs compliant versions available lead free versions are rohs compliant* (1) impulse sparkover voltage is defned as typical values of distribution.
7.3 0.2 (.287 .008) 3.3 (.130) dimensions: millimeters/(inches) 8.2 (.323) 1.6 (.063) 5.6 (.221) 0.9 0.2 (.035 .008) 0.5 0.2 (.020 .008) 5.0 0.2 (.197 .008) 0.7 0.2 (.028 .008) specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. 2036-xx-sm precision gas discharge tube surge protector product dimensions how to order 2036 - xx - sm - rp lf model number designator voltage (divided by 10) surface mount packaging options* blank = bulk packaging (standard) rp = reelpack - 1000 pcs./reel (optional) rp2 = reelpack - 1000 pcs./reel (optional) rohs compliant option blank = standard product lf = rohs compliant product * the optional -rp & -rp2 reelpacks contain 1000 pcs./reel. the reels are 330 mm in diameter. the -rp reelpack is 16 mm wide. the -rp2 reelpack is 24 mm wide. recommended pad layout
rev. u 02/16 mini-trigard? is a trademark of bourns, inc. the model 2036-xx-sm ships standard bulk pack, 250 pieces per bag, 4 bags per box. the optional -rp & -rp2 reelpacks contain 1,000 pcs./reel. the reels are 330 mm in diameter. the -rp reelpack is 16 mm wide. the -rp2 reelpack is 24 mm wide. -rp -rp2 specifcations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their specifc applications. d mi-triirgaddcb?sesrsd(aed5se?mactbd,n7bdgnctbddcrlb?lrc packaging specifcations 4.0 2.0 .41 3 3 4.0 12.0 2.0 3.00 0.10 5.26 0.10 9.35 0.10 3.00 7.80 14.90 0.10 12.0 a section a-a a 16.0 5.25 0.10 tolerances: 0.13 unless otherwise noted 1.7 1.50 +0.10/-0.00 dia. 1.50 dia. 7.5 22.25 1.75 11.50 24.00 nom. dimensions: millimeters


▲Up To Search▲   

 
Price & Availability of 2036-47-SM-RP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X